PART |
Description |
Maker |
25AA080-I_P 25AA08004 25AA080-I_SN 25LC080-I_SN 25 |
The 25LC080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25C080 is a 8K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... The 25AA080 is a 8K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) ... 8K SPI TM Bus Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
MC33880DWB/R2 MC33880DW/R2 |
CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE 可配置八路串列交换与串行外设接口
|
Motorola Mobility Holdings, Inc. Motorola, Inc
|
AT25DF641A-MH-T AT25DF641A-MH-Y AT25DF641A-SH-B AT |
64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
|
ATMEL Corporation
|
NM25C160 NM25C160LEM8 NM25C160LEMT8 NM25C160LEN NM |
16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
|
FAIRCHILD[Fairchild Semiconductor]
|
SC68C752BIB48 SC68C752BIBS |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode uP interfac
|
NXP Semiconductors
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
R1EX25512ATA00A |
Serial Peripheral Interface
|
Renesas Electronics Corporation
|
MC33880 MC33880DW_R2 MC33880DWB_R2 |
0.55mOhm; RDS(on) CONFIGURABLE EIGHT OUTPUT SWITCH WITH SPI I/O CONTROL CONFIGURABLE OCTAL SERIAL SWITCH WITH SERIAL PERIPHERAL INTERFACE
|
Freescale (Motorola) MOTOROLA[Motorola, Inc]
|
MC33298DW_R2 MCZ33298EG_R2 MC33298 |
Eight Output Switch with Serial Peripheral Interface I/O
|
FREESCALE[Freescale Semiconductor, Inc]
|
MC33291L |
Eight Output Switch with Serial Peripheral Interface I/O
|
Motorola
|
NM25C040 NM25C040LM8 NM25C040LVMT8 NM25W040LMT8X N |
4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus) SPI Serial EEPROM 512 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROM 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ISP1583 ISP1583BS |
Hi-Speed Universal Serial Bus peripheral controller
|
Philips Semiconductors
|